Part Number Hot Search : 
162543A 5XS17D5 C475M9RA 5KE18 NT90RNA C475M9RA 2206FM 102M1
Product Description
Full Text Search
 

To Download 91-21SURC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 1.9mm Round Subminiature Lead LEDs
91-21SURC/S530-XX/XXX
Features
Package in 12mm tape on 7" diameter reels. Compatible with automatic placement equipment. EIA Std. package. Mono-color type. Pb-free The product itself will remain within RoHS compliant version.
F1
F2
91-21
Descriptions
The 91-21 SMD taping is much smaller than leaded components . Thus enable smaller board size. Higher packing density. Reduced storage space and finally smaller equipment to be obtained. Besides, light weight makes them ideal for miniature applications. Furthermore by automation assembly machines the accuracy is anticipated.
F7/TR7
F9/TR9
F10/TR10
Applications
Small indicator for indoor applications. Flat backlight for LCD, switches and symbols. Indicator and backlight in office equipment. Indicator and backlight for battery driven equipment. Indicator and backlight for audio and video equipment. Automotive : backlighting in dashboards and switches. Telecommunicationindicator and backlighting in telephone and fax.
Device Selection Guide
Chip Material AlGaInP Emitted Color Brilliant Red Lens Color Water Clear
Everlight Electronics Co., Ltd. Device No. : DLE-912-316
http://www.everlight.com Prepared date: 07-29-2005
Rev. 2.1
Page: 1 of 10
Prepared by: Forrest Chen
EVERLIGHT ELECTRONICS CO.,LTD.
91-21SURC/S530-XX/XXX
Package Outline Dimensions
Everlight Electronics Co., Ltd. Device No. : DLE-912-316
http://www.everlight.com Prepared date: 07-29-2005
Rev. 2.1
Page: 2 of 10
Prepared by: Forrest Chen
EVERLIGHT ELECTRONICS CO.,LTD.
91-21SURC/S530-XX/XXX
Absolute Maximum Ratings (Ta=25)
Parameter Reverse Voltage Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation
Peak Forward Current(Duty 1/10 @ 1KHz)
Symbol VR IF Topr Tstg Tsol ESD Pd IFP
Rating 5 25 -40 ~ +85 -40 ~ +100 260 for 5 Sec. 2000 60 60
Unit V mA V mW mA
Electro-Optical Characteristics (Ta=25)
Parameter Symbol Chip Rank A2 MIN. ---198 A3 ---400
Luminous Intensity
TYP. 29 482 36 600 49 820 61 1020 74 1232 25 632 624 20 2.0 ----
MAX. ------------------------------------------2.4 10
Rev. 2.1
Unit
Condition
IF=2mA IF=20mA IF=2mA IF=20mA mcd IF=2mA IF=20mA IF=2mA IF=20mA IF=2mA IF=20mA deg nm IF=20mA nm nm V A VR=5V
IV
A4
---550
A5
---665
A6
Viewing Angle Peak Wavelength
---802 -------------------
21/2 p d VF IR
-------------------
Dominant Wavelength
Spectrum Radiation Bandwidth Forward Voltage
Reverse Current
Everlight Electronics Co., Ltd. Device No. : DLE-912-316
http://www.everlight.com Prepared date: 07-29-2005
Page: 3 of 10
Prepared by: Forrest Chen
EVERLIGHT ELECTRONICS CO.,LTD.
91-21SURC/S530-XX/XXX
Typical Electro-Optical Characteristics Curves
Everlight Electronics Co., Ltd. Device No. : DLE-912-316
http://www.everlight.com Prepared date: 07-29-2005
Rev. 2.1
Page: 4 of 10
Prepared by: Forrest Chen
EVERLIGHT ELECTRONICS CO.,LTD.
91-21SURC/S530-XX/XXX
Label explanation
CAT: Luminous Intensity Rank HUE: Dom. Wavelength Rank REF: Forward Voltage Rank
xxxxxx xxxxxx
RoHS
xxxxxxxxxxxx xxxx xxxxxxxx
Reel & Carrier Tape Dimensions
Everlight Electronics Co., Ltd. Device No. : DLE-912-316
http://www.everlight.com Prepared date: 07-29-2005
Rev. 2.1
Page: 5 of 10
Prepared by: Forrest Chen
EVERLIGHT ELECTRONICS CO.,LTD.
91-21SURC/S530-XX/XXX
Loaded quantity per reel 1000 PCS/reel
1
TR7
TR9
Everlight Electronics Co., Ltd. Device No. : DLE-912-316
http://www.everlight.com Prepared date: 07-29-2005
Rev. 2.1
Page: 6 of 10
Prepared by: Forrest Chen
EVERLIGHT ELECTRONICS CO.,LTD.
91-21SURC/S530-XX/XXX
Loaded quantity per reel 1000 PCS/reel
TR10
Unit :mm
Moisture Resistant Packaging
Label
Aluminum moistue-proof bag
Desiccant
Label
Everlight Electronics Co., Ltd. Device No. : DLE-912-316
http://www.everlight.com Prepared date: 07-29-2005
Rev. 2.1
Page: 7 of 10
Prepared by: Forrest Chen
EVERLIGHT ELECTRONICS CO.,LTD.
91-21SURC/S530-XX/XX X
Reliability Test Items And Conditions The reliability of products shall be satisfied with items listed below. Confidence level : 90 % LTPD : 10 % Test Sample No. Items Test Condition Ac/Re Hours/Cycles Size Temp. : 2605 6 Min. 22 Pcs. 0/1 1 Reflow Soldering Min. 5 sec. 2 Temperature Cycle H : +100 15 min. 5 min. L : -40 15 min. H : +100 5 min. 10 sec. L : -10 5 min. Temp. : 100 Temp. : -40 IF = 20 mA 85/ 85% RH 300 Cycles 22 Pcs. 0/1
3
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
300 Cycles 1000 Hrs. 1000 Hrs. 1000 Hrs. 1000 Hrs.
22 Pcs.
0/1
4 5 6 7
22 Pcs. 22 Pcs. 22 Pcs. 22 Pcs.
0/1 0/1 0/1 0/1
Everlight Electronics Co., Ltd. Device No. : DLE-912-316
http://www.everlight.com Prepared date: 07-29-2005
Rev. 2.1
Page: 8 of 10
Prepared by: Forrest Chen
EVERLIGHT ELECTRONICS CO.,LTD.
91-21SURC/S530-XX/XXX
Precautions For Use
1. Over-current-proof Customer must apply resistors for protection , otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package, the LEDs should be kept at 30 or less and 90%RH or less. 2.3 The LEDs should be used within a year. 2.4 After opening the package, the LEDs should be kept at 30 or less and 70%RH or less. 2.5 The LEDs should be used within 168 hours (7 days) after opening the package. 2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : 605 for 24 hours. 3. Soldering Condition 3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board. 4. Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 280 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder.
Everlight Electronics Co., Ltd. Device No. : DLE-912-316
http://www.everlight.com Prepared date: 07-29-2005
Rev. 2.1
Page: 9 of 10
Prepared by: Forrest Chen
EVERLIGHT ELECTRONICS CO.,LTD.
91-21SURC/S530-XX/XXX
5.Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http://www.everlight.com
Everlight Electronics Co., Ltd. Device No. : DLE-912-316
http://www.everlight.com Prepared date: 07-29-2005
Rev. 2.1
Page: 10 of 10
Prepared by: Forrest Chen


▲Up To Search▲   

 
Price & Availability of 91-21SURC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X